PART |
Description |
Maker |
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD5316 |
+2.5V to +5.5V, 600uA, Quad Rail-to-Rail, Voltage Output 8/10/12-Bit DACs
|
Analog Devices
|
LTC2604LTC2614LTC2624 LTC2614 LTC2604 LTC2604CGN L |
Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
Linear Technology
|
MAX509/MAX510 |
Quad Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
LTC1458ISW LTC1458IG LTC1458LCG LTC1458LCSW LTC145 |
Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-RailvMicropower DACs
|
Linear Technology, Corp.
|
AD5314 AD5324 AD5324BRM AD5304 |
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package 2.5V to 5.5V, 500uA, Quad Rail-to-Rail, Voltage Output 8/10-Bit DACs AD5304/AD5314/AD5324:2.5Vto5.5V.50盗.QuadVoltageOutput8-BitDACina10-Pin..
IC-SM-12-BITQUADDAC
|
Analog Devices
|
MAX520 MAX520ACAP MAX520ACPE MAX520ACWE MAX520AEAP |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs Quad/Octal 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC2657BCUFD-H16PBF LTC2657BCUFD-H16TRPBF LTC2657B |
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC1450 LTC1450IN |
Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
|
Linear Technology
|
MAX5217GUA |
14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
|
Maxim Integrated Products
|